PART |
Description |
Maker |
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
SCF10000 SCF5000 SCF7500 SCF12500 SCF2500 |
High Voltage,High Density Fast Recovery Rectifier(反向电压2500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压7500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压5000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
BYW100-200 BYW100-200RL |
Low noise low drop voltage regulator with shutdown function 高效快速恢复整流二极管 HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODE
|
STMicroelectronics N.V. ST Microelectronics
|
MUR110 MUR110S MUR120 MUR120S MUR140S MUR160S MUR1 |
Super Fast Recovery Pack: DO-15 Super Fast Recovery Pack: DO-41 Ultra Fast Recovery Pack: DO-41 ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER Voltage: 50 to 1000V Current: 1.0A
|
Gulf Semiconductor
|
S15F S20F S25F |
RECTIFIER, up to 2.5kV, 500mA, 300ns Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压2000V,平均正向电.5A,轴向引脚,密封型,快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压2500V,平均正向电.5A,轴向引脚,密封型,快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压1500V,平均正向电.5A,轴向引脚,密封型,快速恢复整流二极管)
|
Semtech Corporation
|
RU4AJG |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
|
Gulf Semiconductor
|
RGPP15A RGPP15B RGPP15D RGPP15G RGPP15J RGPP15K RG |
Fast Recovery Pack: DO-15 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
|
Gulf Semiconductor
|
R1500F R2000F R1200F R1800F R18.0F R150.F |
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
|
RECTRON[Rectron Semiconductor]
|
HTDR-3 |
300 NANOSECOND AT HIGH TEMPERATURE- FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
|
EDI
|
R3500F |
0.2A Fast Recovery High Voltage Rectifier
|
Shenzhen Luguang Electr...
|
APT75DQ120BG APT75DQ120SG |
High Voltage Fast Recovery Diode
|
Microsemi
|